PART |
Description |
Maker |
ISL6554 |
PWM Controller, 2-4 Phase, Intel ItaniumProcessor, Without Programmable Droop, 5-Bit VID, % Reg
|
Intersil
|
ISL6218CRZ ISL6218CV ISL6218CVZ ISL6218CVZA ISL621 |
Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV Single Phase IMVP-IV Controller for Intel Pentium M; Temperature Range: 0°C to 70°C; Package: 40-QFN T&R SWITCHING CONTROLLER, 275 kHz SWITCHING FREQ-MAX, PQCC40 Single Phase IMVP-IV Controller for Intel Pentium M; Temperature Range: 0°C to 70°C; Package: 40-QFN SWITCHING CONTROLLER, 275 kHz SWITCHING FREQ-MAX, PQCC40 Single Phase IMVP-IV Controller for Intel Pentium M; Temperature Range: 0°C to 70°C; Package: 38-TSSOP SWITCHING CONTROLLER, 275 kHz SWITCHING FREQ-MAX, PDSO38
|
Intersil Corporation Intersil, Corp.
|
ISL6314 ISL6314CRZ ISL6314IRZ |
Single-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
|
Intersil Corporation
|
ISL6312CRZ-TK |
Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10, VR11, and AMD Applications; Temperature Range: 0°C to 70°C; Package: 48-QFN T&R
|
INTERSIL CORP
|
LTC3735 LTC3850-1 LTC3850-2 LTC3869-2 LTC3816 LTC3 |
2-Phase, High Efficiency DC/DC Controller for Intel Mobile CPUs 2-Phase, High Efficiency DC/DC Controller with On-Chip Gate Drivers for Intel Mobile CPUs 5 A DUAL SWITCHING CONTROLLER, 610 kHz SWITCHING FREQ-MAX, PQCC38
|
Linear Technology, Corp.
|
ISL6333CIRZ ISL6333CCRZ ISL6333A ISL6333CRZ ISL633 |
Three-Phase Buck PWM Controller with Integrated MOSFET Drivers and Light Load Efficiency Enhancements for Intel VR11.1 Applications; Temperature Range: -40°C to 85°C; Package: 48-QFN
|
Intersil Corporation
|
ISL6439 ISL6439ACB ISL6439ACR ISL6439AEVAL1 ISL643 |
Single Sync Buck PWM Controller for Broadband Gateway Applications SWITCHING CONTROLLER, 340 kHz SWITCHING FREQ-MAX, PDSO14 Single Sync Buck PWM Controller for Broadband Gateway Applications 单同步降压PWM控制器,宽带网关应用 PWM Controller, 3.3V to 5V Input, VOUT 0.8V Min @ 1.5%, 300 or 600kHz, Gateway Applications
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
IRU3072CH IRU3072C |
Synchronous PWM Controller plus 3 LDO Controller for Multi-Output Applications in a 20-Pin MLPQ package 20-PIN SYNCHRONOUS PWM CONTROLLER/ 3 LDO CONTROLLER
|
IRF[International Rectifier]
|
ISL6432EVAL1 ISL6432 ISL6432CB |
PWM Controller and Triple Linear Power Controller, Adjustable Outputs, 0.8V Reference, ?% Reg, 300kHz Fsw PWM and Triple Linear Power Controller for Home Gateway Applications
|
INTERSIL[Intersil Corporation]
|
ISL6569ACR-T ISL6569ACB ISL6569ACB-T ISL6569A |
PWM Controller, 2-Phase, 5-Bit DAC, Reg .5%, VCORE =0.80/1.55V Multi-Phase PWM Controller
|
INTERSIL[Intersil Corporation]
|
GM3326-4.5ST25R GM3326-3.5ST25R GM3326-3.0ST25R GM |
PWM,PWM/PFM SWITCHING STEP-UP & DOWN DC/DC CONVERTER CONTROLLER ICS PWM,PWM/PFM SWITCHING STEP-UP & DOWN DC/DC CONVERTER CONTROLLER ICS 脉宽调制,脉宽调 PFM切换升压
|
American Power Management Inc. American Power Management, Inc.
|